Part Number Hot Search : 
AN620 MBR16100 BCX68 0122MR 335V3C2M AUDIO V4011D A2535EL
Product Description
Full Text Search
 

To Download IXFV52N30P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2008 ixys corporation, all rights reserved ds99197f(05/08) v dss = 300v i d25 = 52a r ds(on) 66 m t rr 200 ns n-channel enhancement mode avalanche rated fast intrinsic diode features z international standard packages z fast recovery diode z avalanche rated z low package inductance - easy to drive and to protect advantages z easy to mount z space savings z high power density symbol test conditions maximum ratings v dss t j = 25c to 150c 300 v v dgr t j = 25c to 150c, r gs = 1m 300 v v gss continuous 20 v v gsm transient 30 v i d25 t c = 25c 52 a i dm t c = 25c, pulse width limited by t jm 150 a i a t c = 25c 52 a e as t c = 25c 1 j dv/dt i s i dm , v dd v dss ,t j 150c 10 v/ns p d t c = 25c 400 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l maximum lead temperature for soldering 300 c t sold plastic body for 10s 260 c m d mounting torque (to-247) 1.13/10 nm/lb.in. f c mounting force (plus220) 11..65/2.5..14.6 n/lb. weight plus220 & plus220smd 4 g to-247 6 g g = gate d = drain s = source tab = drain IXFV52N30P IXFV52N30Ps ixfh52n30p symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv dss v gs = 0v, i d = 250 a 300 v v gs(th) v ds = v gs , i d = 4ma 2.5 5.0 v i gss v gs = 20v, v ds = 0v 100 na i dss v ds = v dss 25 a v gs = 0v t j = 125 c 1 ma r ds(on) v gs = 10v, i d = 0.5 ? i d25 , note 1 66 m polarht tm power mosfet hiperfet tm g s d (tab) plus220smd (ixfv_s) to-247 (ixfh) plus220 (ixfv) g d s d (tab) d (tab)
ixys reserves the right to change limits, test conditions, and dimensions. ixfh52n30p IXFV52N30P IXFV52N30Ps symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. g fs v ds = 10v, i d = 0.5 ? i d25 , note 1 20 30 s c iss 3490 pf c oss v gs = 0v, v ds = 25v, f = 1mhz 550 pf c rss 130 pf t d(on) 24 ns t r 22 ns t d(off) 60 ns t f 20 ns q g(on) 110 nc q gs v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 25 nc q gd 53 nc r thjc 0.31 c /w r thcs (to-247, plus220) 0.25 c /w source-drain diode characteristic values t j = 25 c unless otherwise specified) min. typ. max. i s v gs = 0v 52 a i sm repetitive, pulse width limited by t jm 150 a v sd i f = i s , v gs = 0v, note 1 1.5 v t rr 160 200 ns q rm 800 nc i rm 7 a ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or more of the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 note 1: pulse test, t 300 s; duty cycle, d 2%. i f = 25a, -di/dt = 100a/ s v r = 100v, v gs = 0v to-247 (ixfh) outline dim. millimeter inches min. max. min. max. a 4.7 5.3 .185 .209 a 1 2.2 2.54 .087 .102 a 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 c .4 .8 .016 .031 d 20.80 21.46 .819 .845 e 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 l 19.81 20.32 .780 .800 l1 4.50 .177 ? p 3.55 3.65 .140 .144 q 5.89 6.40 0.232 0.252 r 4.32 5.49 .170 .216 s 6.15 bsc 242 bsc e ? p plus220 (ixfv) outline plus220smd (ixfv_s) outline resistive switching times v gs = 10v, v ds = 0.5 ? v dss , i d = 52a r g = 4 (external)
? 2008 ixys corporation, all rights reserved ixfh52n30p IXFV52N30P IXFV52N30Ps fig. 2. extended output characteristics @ 25oc 0 25 50 75 100 125 150 0 4 8 1216202428 v d s - volts i d - amperes v gs = 10v 9v 5v 6v 7v 8v fig. 3. output characteristics @ 125oc 0 5 10 15 20 25 30 35 40 45 50 55 012345678910 v d s - volts i d - amperes v gs = 10v 8v 6v 7v 5v fig. 1. output characteristics @ 25oc 0 5 10 15 20 25 30 35 40 45 50 55 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 v d s - volts i d - amperes v gs = 10v 8v 7v 5v 6v fig. 4. r ds(on) normalized to i d = 26a v alue vs. junction temperature 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r d s (on) - normalized i d = 52 a i d = 26a v gs = 10v fig. 6. drain current vs. case temperature 0 10 20 30 40 50 60 -50 -25 0 25 50 75 100 125 150 t c - degrees centigrade i d - amperes fig. 5. r ds(on) normalized to i d = 26a v alue vs. drain current 0.6 1.0 1.4 1.8 2.2 2.6 3.0 3.4 3.8 0 25 50 75 100 125 150 i d - amperes r d s (on) - normalized t j = 125oc t j = 25oc v gs = 10v
ixys reserves the right to change limits, test conditions, and dimensions. ixfh52n30p IXFV52N30P IXFV52N30Ps fig. 11. capacitance 100 1000 10000 0 5 10 15 20 25 30 35 40 v d s - volts capacitance - pf c iss c oss c rss f = 1mhz fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 10203040506070809010 0 11 0 12 0 q g - nanocoulombs v g s - volts v ds = 150v i d = 26a i g = 10ma fig. 7. input admittance 0 10 20 30 40 50 60 70 80 90 100 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 v g s - volts i d - amperes t j = 125oc 25oc -40oc fig. 8. transconductance 0 5 10 15 20 25 30 35 40 45 50 55 60 0 102030405060708090100 i d - amperes g f s - siemens t j = - 40oc 125oc 25oc fig. 9. source current vs. source-to-drain voltage 0 20 40 60 80 100 120 140 160 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 v s d - volts i s - amperes t j = 125oc t j = 25oc fig. 12. forward-bias safe operating area 1 10 100 1000 10 100 1000 v d s - volts i d - amperes 25s 1ms dc r ds (on) limi t t j = 25oc t j = 150oc single pulse 100ms 10ms ixys ref: t_52n30p(6s)3-14-06-c
? 2008 ixys corporation, all rights reserved ixfh52n30p IXFV52N30P IXFV52N30Ps ixys ref: t_52n30p(6s)3-14-06-c fig. 13. maximum transient thermal impedance 0.01 0.10 1.00 1 10 100 1000 pulse width - milliseconds z (th) j c - (oc/w )


▲Up To Search▲   

 
Price & Availability of IXFV52N30P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X